Part Number Hot Search : 
P2504 PFS704 CXA13 100LS PT3642 30LT1 AA100 AT24C128
Product Description
Full Text Search
 

To Download MBM-H61A-A10-G2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  10-53 10 features embedded & industrial motherboards specifications imbm-h61a micro-atx industrial motherboard with intel? 2nd/3rd generation core? i7/ i5/ i3/ pentium? processor packing list intel? 2nd/3rd generation core? i7/ i5/ i3 processor intel? h61 vga x 1, dvi x 1, lvds x 1 gigabit ethernet x 2 com x 13 (rs-232 x 11, rs-232/422/485 x 2) sata 3.0gb/s x 3 + cfast? socket x 1 support multiple expansion slot: pci-e 2.0 [x16] x 1, pci-e 2.0 [x1] x 1, pci x 1, mini card x 1 system form factor micro atx processor lga1155 intel? 2nd/3rd generation core? i7/i5/i3 processor up to 65w system memory 240-pin dimm x2 ddr3 1600/1333/1066mhz up to 16 gb chipset intel? h61 i/o chipset fintech 81866d + fintech 81216hd x 2 ethernet realtek 8111f, gigabit ethernet, rj-45 x 2 bios ami plug & play uefi bios - 64mb wake on lan yes watchdog timer programmable 1~255 steps system reset h/w status monitoring temperature monitor on cpu/chassis voltage monitor on vcore /5v/3.3v/12v fan monitor on cpu/chassis expansion interface pci-e [x16] x 1, pci-e [x1] x 1, pci x 1, mini card x 1 battery lithium battery power requirement 24-pin atx connector x 1, +12v 4-pin connector x 1 power consumption intel? core? i5-2390t, ddr3 1333 8gb, 3.9a@12v board size 9.6" x 9.6" (244 mm x 244 mm) gross weight 1.55 lb (0.7 kg) operation temperature 32 f ~ 140 f (0 c ~ 60 c) storage temperature -40 f ~ 185 f (-40 c ~ 85 c) operation humidity 0% ~ 90% relative humidity, non-condensin mtbf (hours) 87,000 display graphic engine intel? graphics media accelerator resolution up to 1920 x 1200 @75hz for vga up to 1920 x 1200 @60hz for dvi up to 1920 x 1200 @60hz for lvds output interface vga, dvi, lvds i/o storage sata 3.0gb/s x 3, cfast? x 1 serial port rs-232 x 11, rs-232/422/485 x 2 parallel port spp/epp/ecp usb usb 2.0 x 8 (rear i/o x 4, pin headers x 4) digital i/o 8-bit programmable (4-in / 4-out) ps/2 port ps/2 port x2 (keyboard & mouse) audio line-in, mic-in, line-out sata cable x 2 ? com port cable ? i/o shield ? product cd ? imbm-h61a ? lvds & backlight control com x 11 (box header) mini card pcie 2.0 [x16] pcie 2.0 [x1] pcie 2.0 [x1] usb2.0 x 4 com x 2 ps/2 port (keyboard & mouse) gigabit ethernet x 2 vga x 1 dvi pci
10-54 dimension unit: mm imbm-h61a ordering information optional accessories usb2.0 cable ? cpu cooler ? 1709070800 ? sata cable 1701100302 ? com port cable lpt cable ? part number cpu ram fan/fanless storage display lvds lan usb rs-232 rs-232/422/485 expansion slot power temp. iMBM-H61A-A10-G2 socket dimm fan sata2 x 3 vga/dvi/lvds 24-bit dual channel gbe x 2 usb 2.0 x 8 11 2 pcie[x16] x 1, pcie[x1] x 1, pci x 1, mini card x 1 atx 0 c ~ 60 c


▲Up To Search▲   

 
Price & Availability of MBM-H61A-A10-G2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X